PART |
Description |
Maker |
GS840E36AGT-180I |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 128K X 36 CACHE SRAM, 8 ns, PQFP100
|
GSI Technology, Inc.
|
LH532000B LH532000BT |
CMOS 2M (256K x 8/128K x 16) MROM 200万的CMOS56 × 8/128K × 16MROM LH532000BT CMOS 1M (128K x 8) Mask Programmable ROM 48-pin TSOP
|
Sharp, Corp. Sharp Corporation Sharp Electrionic Components Sharp Electronics Corp.
|
IDT71V2548S133PF IDT71V2548S133BGI IDT71V2548SA133 |
128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 4.2 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K的3656 × 18 3.3同步ZBT SRAM.5VI / O的脉冲计数器输出流水 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 256K X 18 ZBT SRAM, 3.8 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 256K X 18 ZBT SRAM, 3.8 ns, PQFP100 25V N-Channel PowerTrench MOSFET; Package: TO-251(IPAK); No of Pins: 3; Container: Rail 128K的3656 × 18 3.3同步ZBT SRAM.5VI / O的脉冲计数器输出流水 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 5 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K的36256 × 18 3.3同步ZBT SRAM2.5VI / O的脉冲计数器输出流水 128K x 36/ 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O/ Burst Counter Pipelined Outputs 3.3V 256K x 18 ZBT Synchronous PipeLined SRAM w/2.5V I/O 3.3V 128Kx36 ZBT Synchronous PipeLined SRAM with 2.5V I/O
|
Integrated Device Technology, Inc. IDT
|
AT49BV2048 AT49LV2048 AT49LV2048A AT49LV2048A-70RC |
2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-VoltageFlash Memory 2兆位56 × 8/128K × 16)单2.7伏电池电压⑩闪存 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-VoltageFlash Memory 128K X 16 FLASH 3V PROM, 70 ns, PDSO44 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-VoltageFlash Memory 128K X 16 FLASH 2.7V PROM, 90 ns, PDSO48 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-VoltageFlash Memory 128K X 16 FLASH 2.7V PROM, 120 ns, PDSO48 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage⑩ Flash Memory 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage Flash Memory 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage?/a> Flash Memory
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|
256KX18 128KX36 IS61NVP25618A IS61NLP12832B-200B2 |
128K x 32, 128K x 36, and 256K x 18 STATE BUS SRAM 128K X 36 ZBT SRAM, 2.6 ns, PBGA119 14 X 22 MM, 1 MM PITCH, PLASTIC, BGA-119 128K X 36 ZBT SRAM, 2.6 ns, PBGA165 13 X 15 MM, 1 MM PITCH, PLASTIC, BGA-165 128K X 36 ZBT SRAM, 2.6 ns, PQFP100 TQFP-100 128K X 36 ZBT SRAM, 3.1 ns, PBGA119 14 X 22 MM, 1 MM PITCH, PLASTIC, BGA-119 128K X 36 ZBT SRAM, 3.1 ns, PBGA165 13 X 15 MM, 1 MM PITCH, PLASTIC, BGA-165 128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM 256K X 18 ZBT SRAM, 3.1 ns, PBGA119 128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM 256K X 18 ZBT SRAM, 3.1 ns, PQFP100
|
天津新技术产业园区管理委员会 Integrated Silicon Solution, Inc. Integrated Silicon Solu...
|
IS61NF25618-10BI IS61NF25618-8.5TQ IS61NF25618-8.5 |
128K x 32, 128K x 36 and 256K x 18 FLOW-THROUGH NO WAIT STATE BUS SRAM
|
Integrated Silicon Solution, Inc Integrated Silicon Solu...
|
GS840F18AGT-7.5I GS840F36AGT-7.5I |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 256K X 18 CACHE SRAM, 7.5 ns, PQFP100 256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 128K X 36 CACHE SRAM, 7.5 ns, PQFP100
|
GSI Technology, Inc.
|
CYD02S36V CYD04S36V CYD09S36V CYD18S36V |
FLEx36TM 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM(FLEx36TM 3.3V 32K/64K/128K/256K/512 x 36同步双端口RAM) FLEx36TM 3.3 32K/64K/128K/256K/512 × 36同步双口RAM(FLEx36TM 3.3 32K/64K/128K/256K/512 × 36同步双端口RAM)的
|
Cypress Semiconductor Corp.
|
CY7C0832AV-133AXC CY7C0832AV-133AXI |
FLEx18(TM) 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM; Density: 4 Mb; Organization: 256Kb x 18; Vcc (V): 3.0 to 3.6 V; Speed: 133 MHz
|
CYPRESS SEMICONDUCTOR CORP
|
25C256 CAT25C256 25C128 CAT25C128 CAT25C256S16-1.8 |
256K SPI serial CMOS EEPROM 1.8-6.0V 128K SPI serial CMOS EEPROM 2.5-6.0V SPI Serial EEPROM SPI串行EEPROM 128K/256K-BitSPISerialCMOSE2PROM 64K 8K x 8 Battery-Voltage CMOS E2PROM 64KK的8电池电压的CMOS E2PROM 128K SPI serial CMOS EEPROM 1.8-6.0V 256K SPI serial CMOS EEPROM 2.5-6.0V 128K/256K-Bit SPI Serial CMOS E2PROM
|
http:// STMicroelectronics N.V. Semtech, Corp. Abracon, Corp. CatalystSemiconductor CATALYST[Catalyst Semiconductor]
|
IDT71V3557S75PF IDT71V3557S85PF IDT71V3557S80PF ID |
128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs 128K的3656 × 18.3V的同步ZBT SRAM.3V的I / O的脉冲计数器,流量,通过输出 128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs 128K X 36 ZBT SRAM, 7.5 ns, PBGA119
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
|